Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV2304 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6CV2304 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6CV2304
Download  PI6CV2304 Download
File Size   218.47 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 160 MHz Clock Buffers

PI6CV2304 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CV2304 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6CV2304
Download  PI6CV2304 Click to download

File Size   218.47 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 160 MHz Clock Buffers

PI6CV2304 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6CV2304 Product details

Description

Pericom’s PI6CV304 and PI6CV2304 are low-skew, low- noise, high speed clock buffers and are ideal for computing, networking, and communication applications. Application examples include PCI(X) clock buffers in servers and workstations, PCI(X) Storage Area Network (SAN), and RAID controllers. They are used for networking and communications applications requiring 80 MHz for 10/100 Mbps Ethernet and 125 MHz for Gigabit networking clocks.



Features

• 160 MHz operation

• Low noise, low skew: 150ps max

• Fast rise/fall time: 1.0ns typ.

• Fast propagation delay: 2.0ns typ.

• 5V I/O tolerant input

• Industrial temperature (–40°C to 85°C)

• 3.3V power supply

• Packaging (Pb-free & Green available)

– 8-pin TSSOP (L)

– 8-pin SOIC (W)



Applications

• 33 MHz PCI-to-133 MHz PCIX controllers

• 80 MHz for 10/100 Mbps Ethernet

• 125 MHz for Gigabit networking

• 155 MHz for Optical OC3/SDH/SONET




Similar Part No. - PI6CV2304

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304 PERICOM-PI6CV2304 Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304LE PERICOM-PI6CV2304LE Datasheet
333Kb / 8P
160 MHz Clock Buffers
More results


Similar Description - PI6CV2304

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:9 Clock Distribution Buffer
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
3.3V 160-MHz 1:15 Clock Distribution Buffer
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Pericom Semiconductor C...
PI6CV304LEX PERICOM-PI6CV304LEX Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304LEX PERICOM-PI6CV2304LEX Datasheet
333Kb / 8P
160 MHz Clock Buffers
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Pericom Semiconductor C...
PI6CV304 PERICOM-PI6CV304_09 Datasheet
333Kb / 8P
160 MHz Clock Buffers
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com