Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2120B Datasheet (PDF) - Dallas Semiconductor

DS2120B Datasheet PDF - Dallas Semiconductor
Part # DS2120B
Download  DS2120B Download
File Size   334.12 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Ultra3 LVD SCSI Terminator

DS2120B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2120B Datasheet PDF - Dallas Semiconductor

Part # DS2120B
Download  DS2120B Click to download

File Size   334.12 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Ultra3 LVD SCSI Terminator

DS2120B Datasheet (HTML) - Dallas Semiconductor


DS2120B Product details

DESCRIPTION
The DS2120 Ultra3 LVD SCSI terminator is a low-voltage differential (LVD) terminator. If the device is connected in an LVD-only bus, the DS2120 uses LVD termination. If any single-ended (SE) or high-voltage differential (HVD) devices are connected to the bus, the DS2120 disconnects from the bus. This is accomplished inside the part automatically by sensing the voltage on the SCSI bus DIFFSENS line.
For the LVD termination, the DS2120 integrates two current sources with nine precision resistor strings. Three DS2120 terminators are needed for a wide SCSI bus.

FEATURES
■ Fully compliant with Ultra3, Ultra160, Ultra320, and Ultra2 (LVD only) SCSI
■ Provides low-voltage differential (LVD) termination for nine signal line pairs
■ Zero-temperature coefficient-termination resistors
■ Auto-select of LVD termination
■ 5% tolerance on LVD termination resistance
■ Low power-down capacitance of 3pF
■ Built-in mode change filter/delay
■ On-board thermal-shutdown circuitry
■ SCSI bus hot-plug compatible

APPLICATIONS
■ Raid Systems
■ SCSI Host Bus Adapter Cards (HBA)
■ Servers
■ SCSI Cables
■ Network Attached Storage (NAS)
■ Storage Area Networks (SANs)




Similar Part No. - DS2120B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2120B MAXIM-DS2120B Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2120B/T&R MAXIM-DS2120B/T&R Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
More results


Similar Description - DS2120B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com