Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-MM5 Datasheet (PDF) - Samsung semiconductor

SF-MM5 Datasheet PDF - Samsung semiconductor
Part # SF-MM5
Download  SF-MM5 Download
File Size   102.78 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 50/125 Um Multi-mode Optical Fiber

SF-MM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF-MM5 Datasheet PDF - Samsung semiconductor

Part # SF-MM5
Download  SF-MM5 Click to download

File Size   102.78 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 50/125 Um Multi-mode Optical Fiber

SF-MM5 Datasheet (HTML) - Samsung semiconductor


SF-MM5 Product details

Product Information
SAMSUNG 50/125 µm multi-mode optical fiber is a graded index fiber with a 50 µm core and 125 µm cladding diameter. It is suitable for fiber optic networks based on Ethernet, Fibre Channel, FDDI, ATM, and Token Ring protocols. It offers superior performance and reliability for backbone, riser, and horizontal applications in premise networks.

FEATURES / BENEFITS
• Optimized for 850 nm and 1300 nm dual wavelength ranges
• Coated with a high performance dual acrylate coating for long-term reliability
• Excellent compatibility with any commercial fiber in legacy network systems

APPLICATIONS
• Local Area Networks and campus networks with high data-rate voice, video and data communication systems using LEDs, VCSEL or Fabry-Perot lasers




Similar Part No. - SF-MM5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-M-BH PHOENIX-SF-M-BH Datasheet
43Kb / 2P
Bit screwdriver, with 1/4" quick-action chuck, handle length 119 mm, 2-component handle, with non-slip grip, suitable for bits according to DIN 3126-C 6.3 and E 6.3/ISO 1173, magnetic
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
logo
Ironwood Electronics.
SF-MLF16A-A-02 IRONWOOD-SF-MLF16A-A-02 Datasheet
31Kb / 1P
Materials and specifications are subject to change without notice
SF-MLF16A-A-02F IRONWOOD-SF-MLF16A-A-02F Datasheet
28Kb / 1P
Materials and specifications are subject to change without notice
More results


Similar Description - SF-MM5

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
logo
Richco, Inc.
OFSMB-4-05-GFBLK RICHCO-OFSMB-4-05-GFBLK Datasheet
152Kb / 1P
OPTICAL FIBER SLOTTED MULTI BRACKET
logo
Optoway Technology Inc
PD-8300 OPTOWAY-PD-8300_07 Datasheet
130Kb / 3P
GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE FIBER PIGTAIL
SPM-3602G_2015 OPTOWAY-SPM-3602G_2015 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G_2015 OPTOWAY-SPM-3702G_2015 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G_15 Datasheet
177Kb / 6P
125 Mbps Multi-Mode Single-Fiber SFP Transceiver
logo
Richco, Inc.
OFSMB-4-05GFBK RICHCO-OFSMB-4-05GFBK Datasheet
148Kb / 1P
OPTICAL FIBER SLOTTED MULTI BRACKET
logo
Tripp Lite. All Rights ...
T020-001-LC50 TRIPPLITE-T020-001-LC50 Datasheet
155Kb / 2P
FC to LC 50/125 Adapter for Multi-Function Optical Fiber Cable Tester (M/F)
T020-001-SC50 TRIPPLITE-T020-001-SC50 Datasheet
160Kb / 2P
FC to SC 50/125 Adapter for Multi-Function Optical Fiber Cable Tester (M/F)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com