Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685 Datasheet (PDF) - Sipex Corporation

SP6685 Datasheet PDF - Sipex Corporation
Part # SP6685
Download  SP6685 Download
File Size   143.69 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Charge Pump LED Driver For Camera Flash

SP6685 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6685 Datasheet PDF - Sipex Corporation

Part # SP6685
Download  SP6685 Click to download

File Size   143.69 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Charge Pump LED Driver For Camera Flash

SP6685 Datasheet (HTML) - Sipex Corporation


SP6685 Product details

DESCRIPTION
The SP6685 is a current-regulated charge pump ideal for powering high brightness LEDs for camera flash applications. The charge pump can be set to regulate two current levels for FLASH and TORCH modes. The SP6685 automatically switches modes between step-up and step-down ensuring that LED current does not depend on the forward voltage. A low current sense reference voltage (50mV) allows the use of small 0603 current sensing resistors. The SP6685 is offered in the 10-pin DFN package.

FEATURES
■ Output Current up to 700mA
■ Up to 94% Efficiency in Torch Mode
■ Adjustable FLASH Mode Current
■ Minimum External Components: No Inductors
■ Automatic Buck/Boost Mode Switchover
■ Wide VIN Range: 2.7V to 5.5V
■ High Frequency Operation: 2.4 MHz
■ Low 50mV Reference for low Loss Sensing
■ IQ < 1μA in Shutdown
■ PWM Dimming Control
■ Automatic Soft Start Limits Inrush Current
■ Overvoltage Protection on Output
■ Overcurrent/Temperature Protection
■ Low Ripple and EMI
■ Ultra-low Dropout Voltage in Buck Mode
■ Space Saving 10-pin 3mm x 3mm DFN Package

APPLICATIONS
■ White LED Torch/Flash for Cell Phones, DSCs, and Camcorders
■ White LED Backlighting
■ Generic Lighting/Flash/Strobe Applications
■ General Purpose High Current Boost




Similar Part No. - SP6685

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685EB SIPEX-SP6685EB Datasheet
187Kb / 4P
Evaluation Board Manual
SP6685ER SIPEX-SP6685ER Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
SP6685ER SIPEX-SP6685ER Datasheet
187Kb / 4P
Evaluation Board Manual
More results


Similar Description - SP6685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
Monolithic Power System...
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
500mA, LED Camera Flash Charge Pump EV Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com