Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F211DF104M050C Datasheet (PDF) - Kemet Corporation

F211DF104M050C Datasheet PDF - Kemet Corporation
Part # F211DF104M050C
Download  F211DF104M050C Download
File Size   1610.38 Kbytes
Page   25 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

F211DF104M050C Datasheet (PDF)

Go To PDF Page Download Datasheet
F211DF104M050C Datasheet PDF - Kemet Corporation

Part # F211DF104M050C
Download  F211DF104M050C Click to download

File Size   1610.38 Kbytes
Page   25 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

F211DF104M050C Datasheet (HTML) - Kemet Corporation


F211DF104M050C Product details

Polyphenylene sulphide film capacitor with vacuum-evaporated aluminum electrodes. Radial leads of tinned wire are electrically welded to the contact metal layer on the ends of the capacitor winding. Encapsulation in self-extinguishing material meeting the requirements of UL 94V-0.



• Metallized polyphenylene sulfide

• Stable +150 °C high temperature capacitor




Similar Part No. - F211DF104M050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
More results


Similar Description - F211DF104M050C

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
PHE450KF6470JR06L2 KEMET-PHE450KF6470JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com