Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR26MF11NIP Datasheet (PDF) - Sharp Corporation

PR26MF11NIP Datasheet PDF - Sharp Corporation
Part # PR26MF11NIP
Download  PR26MF11NIP Download
File Size   317.25 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR

PR26MF11NIP Datasheet (PDF)

Go To PDF Page Download Datasheet
PR26MF11NIP Datasheet PDF - Sharp Corporation

Part # PR26MF11NIP
Download  PR26MF11NIP Click to download

File Size   317.25 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR

PR26MF11NIP Datasheet (HTML) - Sharp Corporation




Similar Part No. - PR26MF11NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF1XNSZ SHARP-PR26MF1XNSZ Datasheet
317Kb / 15P
IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results


Similar Description - PR26MF11NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com