Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2151 Datasheet (PDF) - Torex Semiconductor

XC2151 Datasheet PDF - Torex Semiconductor
Part # XC2151
Download  XC2151 Download
File Size   145.99 Kbytes
Page   8 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description ICS FOR USE WITH CRYSTAL OSCILLATORS

XC2151 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC2151 Datasheet PDF - Torex Semiconductor

Part # XC2151
Download  XC2151 Click to download

File Size   145.99 Kbytes
Page   8 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description ICS FOR USE WITH CRYSTAL OSCILLATORS

XC2151 Datasheet (HTML) - Torex Semiconductor


XC2151 Product details

■ General Description
The XC2151 series are a group of high frequency, CMOS low power crystal oscillators with oscillator & divider circuitry, oscillator capacitors and amplifier feedback resistors built-in.
An oscillator circuit can be created from just an external crystal.
Output frequency can be selected from four frequencies : Fundamental f0/1, Divided f0/2, f0/4, f0/8.
The output buffer is 3-State and has a fanout of 10 - TTL.

■ Features
    High Precision : Built-in oscillator capacitors
                              16pF TYP (or selectable from 10 ~ 20pF)
                            : On-chip amplifier feedback resistor
                               5MΩ TYP (or selectable from 1.6kΩ ~
    8.4kΩ)
    Oscillator Frequency : 4MHz ~ 70MHz
    Divider Ratio : Selectable from f0/1, f0/2, f0/4, f0/8
    Output : 3-State, 10 - TTL fanout
    Operating Voltage Range
                                      : 4.0V ~ 6.0V
    Small Quiescent Current
    Stand-By Function
    Low Cost : Oscillator circuit can be created from just an external crystal
    Ultra Small Package : SOT-26 (150mW) mini mold

■ Applications
● Crystal Oscillator Modules
● Communication Equipment
● Microcomputers
● Clock Units in Motor Control
● System Clocks on Boards
● Timers
● Palmtops




Similar Part No. - XC2151

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
85Kb / 1P
CMOS IC
More results


Similar Description - XC2151

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
ICs for use with Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
ICs for use with Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
ICs for use with low voltage Crystal Oscillators
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com