Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1309CF Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1309CF Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1309CF
Download  MM1309CF Download
File Size   137.28 Kbytes
Page   4 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Protection of Lithium Ion Batteries (three cells in series)

MM1309CF Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1309CF Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1309CF
Download  MM1309CF Click to download

File Size   137.28 Kbytes
Page   4 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Protection of Lithium Ion Batteries (three cells in series)

MM1309CF Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1309CF Product details

Outline

This is a 3-cell series protection IC is for protecting a lithium ion battery from overcharging and excess discharging. If abnormalities occur during charging and excess voltage is applied, it has a function that turns off the external FET switch (overcharging detection). It also has a function that turns off the external FET switch when the voltage for each battery falls below a set voltage, to prevent excess discharge when discharging the battery (discharging detection). At that time, the IC is switched to low current consumption mode.

These functions comprise a protection circuit, with few external parts, for lithium ion batteries.



Features

1. Current consumption (for VCC pin)  VCELL=4.4V    700µA typ.

2. Current consumption (for VCC pin)  VCELL=4.2V    300µA typ.

3. Current consumption (for VCC pin)  VCELL=3.8V    25µA typ.

4. Current consumption (for VCC pin)  VCELL=2.2V    0.1µA max.

5. Current consumption (for BATH pin) VCELL=4.4V    12µA typ.

6. Current consumption (for BATH pin) VCELL=3.8V    8µA typ.

7. Current consumption (for BATH pin) VCELL=2.2V    1µA typ.

8. Charge prohibit voltage (Ta=-20°C~+70°C) B : 4.35V±50mV

                                                            C : 4.25V±50mV

9. Charge prohibit release voltage VCELLU-45mV

10.Charge prohibit detection function operation voltage B : 4.20V typ.

                                                                          C : 4.10V typ.

11.Excess discharge detection voltage 2.40V±0.09V, 2.35V±0.09V

12.Discharge resumption voltage B : 2.65V±0.16V

                                            C : 2.60V±0.16V

13.Excess discharge detection hysteresis voltage 250±75mV



Applications

1. Notebook PCs

2. Portable terminals

3. Others



 




Similar Part No. - MM1309CF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1302A MITSUMI-MM1302A Datasheet
190Kb / 7P
Protection of Lithium Ion Batteries (two cells in series)
MM1302E MITSUMI-MM1302E Datasheet
190Kb / 7P
Protection of Lithium Ion Batteries (two cells in series)
MM1302F MITSUMI-MM1302F Datasheet
190Kb / 7P
Protection of Lithium Ion Batteries (two cells in series)
MM1302G MITSUMI-MM1302G Datasheet
190Kb / 7P
Protection of Lithium Ion Batteries (two cells in series)
More results


Similar Description - MM1309CF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
Protection of Lithium Ion Batteries
MM1332 MITSUMI-MM1332 Datasheet
93Kb / 4P
Control of Lithium Ion Batteries Charging
MM1292 MITSUMI-MM1292 Datasheet
190Kb / 7P
Protection of Lithium Ion Batteries (two cells in series)
MM1294 MITSUMI-MM1294 Datasheet
169Kb / 6P
Protection of Lithium Ion Batteries (four cells in series)
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
Protection of Lithium Ion Batteries (one cell)
MM1293 MITSUMI-MM1293 Datasheet
165Kb / 6P
Protection of Lithium Ion Batteries (three cells in series)
logo
Mitsubishi Electric Sem...
MM1451 MITSUBISHI-MM1451 Datasheet
145Kb / 7P
Protection of Lithium-Ion Batteries (for Double-Protect)
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1412 MITSUMI-MM1412 Datasheet
170Kb / 7P
Protection of Lithium-Ion Batteries Monolithic IC
logo
Panasonic Battery Group
CGR26650A PANASONICBATTERY-CGR26650A Datasheet
60Kb / 1P
Lithium ion batteries
February 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com