Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR130LSFT1G Datasheet (PDF) - ON Semiconductor

MBR130LSFT1G Datasheet PDF - ON Semiconductor
Part # MBR130LSFT1G
Download  MBR130LSFT1G Download
File Size   67.57 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier

MBR130LSFT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR130LSFT1G Datasheet PDF - ON Semiconductor

Part # MBR130LSFT1G
Download  MBR130LSFT1G Click to download

File Size   67.57 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier

MBR130LSFT1G Datasheet (HTML) - ON Semiconductor


MBR130LSFT1G Product details

Surface Mount Schottky Power Rectifier
Plastic SOD−123 Package

This device uses the Schottky Barrier principle with a large area metal−to−silicon power diode. Ideally suited for low voltage, high frequency rectification or as free wheeling and polarity protection diodes in surface mount applications where compact size and weight are critical to the system. This package also provides an easy to work with alternative to leadless 34 package style. Because of its small size, it is ideal for use in portable and battery powered products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications are AC−DC and DC−DC converters, reverse battery protection, and “Oring” of multiple supply voltages and any other application where performance and size are critical.

Features
• Guardring for Stress Protection
• Low Forward Voltage
• 125°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0
• Package Designed for Optimal Automated Board Assembly
• ESD Ratings: Machine Model, C
                         Human Body Model, 3B
• NRVB Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q101
    Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MBR130LSFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
59Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
logo
Analog Devices
MBR130LSFT1G AD-MBR130LSFT1G Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
ON Semiconductor
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
196Kb / 6P
Schottky Power Rectifier, Surface Mount 1.0 A, 30 V, SOD−123 Package
November, 2023 - Rev. 5
MBR130LSFT1G ONSEMI-MBR130LSFT1G_V01 Datasheet
196Kb / 6P
Schottky Power Rectifier, Surface Mount 1.0 A, 30 V, SOD−123 Package
November, 2023 - Rev. 5
More results


Similar Description - MBR130LSFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com