Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA20U Datasheet (PDF) - StarHope

TSA20U Datasheet PDF - StarHope
Part # TSA20U
Download  TSA20U Download
File Size   120.2 Kbytes
Page   5 Pages
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope
Description TSA(240W) Series

TSA20U Datasheet (PDF)

Go To PDF Page Download Datasheet
TSA20U Datasheet PDF - StarHope

Part # TSA20U
Download  TSA20U Click to download

File Size   120.2 Kbytes
Page   5 Pages
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope
Description TSA(240W) Series

TSA20U Datasheet (HTML) - StarHope




Similar Part No. - TSA20U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA20 ETC1-TSA20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
TSA201M ETC-TSA201M Datasheet
341Kb / 1P
Tele Communication surge absorber
logo
Thinki Semiconductor Co...
TSA20N50M THINKISEMI-TSA20N50M Datasheet
1Mb / 7P
THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Rev.11T
More results


Similar Description - TSA20U

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
240W, AC/DC converter
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
240W Output Power
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
240W Convection without FAN
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
Single Output 150W - 240W
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
240W Exterior LED Driver
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
240W AC/DC
logo
Inventronics Inc.
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com