Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4242PAP Datasheet (PDF) - Summit Microelectronics, Inc.

S4242PAP Datasheet PDF - Summit Microelectronics, Inc.
Part # S4242PAP
Download  S4242PAP Download
File Size   102.51 Kbytes
Page   16 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Dual Voltage Supervisory Circuit With Watchdog Timer

S4242PAP Datasheet (PDF)

Go To PDF Page Download Datasheet
S4242PAP Datasheet PDF - Summit Microelectronics, Inc.

Part # S4242PAP
Download  S4242PAP Click to download

File Size   102.51 Kbytes
Page   16 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Dual Voltage Supervisory Circuit With Watchdog Timer

S4242PAP Datasheet (HTML) - Summit Microelectronics, Inc.


S4242PAP Product details

OVERVIEW
The S42xxx are a precision power supervisory circuit. It automatically monitors the device’s VCC level and will generate a reset output on two complementary open drain outputs. In addition to the VCC monitoring, the S42xxx also provides a second voltage comparator input. This input has an independent open drain output that can be wire-OR’ed with the RESET I/O or it can be used as a system interrupt.
The S42xxx also has an integrated 4k/16k-bit nonvolatile memory. The memory conforms to the industry standard two-wire serial interface. In addition to the reset circuitry, the S42WD42/S42WD61 also has a watchdog timer.

FEATURES
• Precision Dual Voltage Monitor
   – VCC Supply Monitor
   - Dual reset outputs for complex
      microcontroller systems
   - Integrated memory write lockout function
   - No external components required
• Second Voltage Monitor Output
   – Separate VLOW output
   – Generates interrupt to MCU
   – Generates RESET for dual supply systems
   - Guaranteed output assertion to VCC - 1V
• Watchdog Timer (S42WD42, S42WD61)
   – 1.6s
• Memory Internally Organized 2 x8
• Extended Programmable Functions
   Available on SMS24
• High Reliability
   – Endurance: 100,000 erase/write cycles
   – Data retention: 100 years




Similar Part No. - S4242PAP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4240 MICROSEMI-S4240 Datasheet
120Kb / 3P
Silicon Power Rectifier
logo
Sensitron
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GC SENSITRON-S424GC Datasheet
258Kb / 2P
THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE Datasheet
157Kb / 2P
THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE_09 Datasheet
48Kb / 2P
THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Similar Description - S4242PAP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
Watchdog timer circuit
26-Oct-2012
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com