Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4V7PH Datasheet (PDF) - Vishay Siliconix

C4V7PH Datasheet PDF - Vishay Siliconix
Part # C4V7PH
Download  C4V7PH Download
File Size   109.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

C4V7PH Datasheet (PDF)

Go To PDF Page Download Datasheet
C4V7PH Datasheet PDF - Vishay Siliconix

Part # C4V7PH
Download  C4V7PH Click to download

File Size   109.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

C4V7PH Datasheet (HTML) - Vishay Siliconix


C4V7PH Product details

FEATURES
• Sillicon planar Zener diodes
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Meets JESD 201 class 2 whisker test
• ESD capability according to AEC-Q101:
   human body model: > 8 kV
   machine model: > 800 V
• Wave and reflow solderable
• AEC-Q101 qualified
• Base P/N-M3 - halogen-free, RoHS-compliant, and commercial grade
• Base P/N-HM3 - halogen-free, RoHS-compliant, and automotive grade (available on request)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - C4V7PH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
C4V7 ZETEX-C4V7 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
More results


Similar Description - C4V7PH

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
Zener Diodes with Surge Current Specification
13-Jul-05
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
Zener Diodes with Surge Current Specification
15-Sep-05
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
Zener Diodes with Surge Current Specification
26-Aug-10
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
Zener Diodes with Surge Current Specification
29-Nov-11
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
Zener Diodes with Surge Current Specification
13-Aug-14
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
Zener Diodes with Surge Current Specification
15-Oct-15
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com