Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR318 Datasheet (PDF) - Analog Devices

ADR318 Datasheet PDF - Analog Devices
Part # ADR318
Download  ADR318 Download
File Size   492.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Drift SOT-23 Voltage Reference with Shutdown

ADR318 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR318 Datasheet PDF - Analog Devices

Part # ADR318
Download  ADR318 Click to download

File Size   492.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Drift SOT-23 Voltage Reference with Shutdown

ADR318 Datasheet (HTML) - Analog Devices


ADR318 Product details

GENERAL DESCRIPTION
The ADR318 is a precision 1.8 V band gap voltage reference featuring high accuracy, high stability, and low power consumption in a tiny footprint. Patented temperature drift curvature correction techniques minimize nonlinearity of the voltage change with temperature. The wide operating range and low power consumption with additional shutdown capability make the part ideal for battery-powered applications. The VOUT (SENSE) pin enables greater accuracy by supporting full Kelvin operation in PCBs employing thin or long traces.

FEATURES
   Initial accuracy: ±5 mV maximum, ±0.27% maximum
   Low temperature coefficient: 25 ppm/°C maximum
   Load regulation: 100 ppm/mA
   Line regulation: 25 ppm/V
   Low supply headroom: 0.6 V
   Wide operating range: (VOUT + 0.6 V) to 15 V
   Low power: 120 μA maximum
   Shutdown to less than 3 μA maximum
   Output current: 5 mA
   Wide temperature range: 0°C to 70°C
   Tiny 5-lead SOT-23 package

APPLICATIONS
   Battery-powered instrumentation
   Portable medical instruments
   Data acquisition systems
   Industrial process control systems
   Fault protection critical systems




Similar Part No. - ADR318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Similar Description - ADR318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR390 AD-ADR390 Datasheet
402Kb / 20P
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
5/05-Rev. E to Rev. F
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com