Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F130 Datasheet (PDF) - Fox Electronics

F130 Datasheet PDF - Fox Electronics
Part # F130
Download  F130 Download
File Size   492.14 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.0x1.6mm 3.3V SMD Oscillator

F130 Datasheet (PDF)

Go To PDF Page Download Datasheet
F130 Datasheet PDF - Fox Electronics

Part # F130
Download  F130 Click to download

File Size   492.14 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.0x1.6mm 3.3V SMD Oscillator

F130 Datasheet (HTML) - Fox Electronics




Similar Part No. - F130

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
logo
List of Unclassifed Man...
F1300C ETC1-F1300C Datasheet
442Kb / 2P
3.3V FR-4 Surface Mount Crystal Clock Oscillators
F1300C00 ETC1-F1300C00 Datasheet
442Kb / 2P
3.3V FR-4 Surface Mount Crystal Clock Oscillators
More results


Similar Description - F130

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com