Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F310R Datasheet (PDF) - Fox Electronics

F310R Datasheet PDF - Fox Electronics
Part # F310R
Download  F310R Download
File Size   431.19 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.2x2.5mm 1.8V SMD Oscillator

F310R Datasheet (PDF)

Go To PDF Page Download Datasheet
F310R Datasheet PDF - Fox Electronics

Part # F310R
Download  F310R Click to download

File Size   431.19 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.2x2.5mm 1.8V SMD Oscillator

F310R Datasheet (HTML) - Fox Electronics




Similar Part No. - F310R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F310R FOX-F310R Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
logo
Copal Electronics
F310R COPAL-F310R Datasheet
66Kb / 2P
BRUSHLESS DC FANS
logo
Fox Electronics
F310R FOX-F310R Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310R FOX-F310R Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310R FOX-F310R Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results


Similar Description - F310R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F310 FOX-F310 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com