Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2208N Datasheet (PDF) - List of Unclassifed Manufacturers

AS2208N Datasheet PDF - List of Unclassifed Manufacturers
Part # AS2208N
Download  AS2208N Download
File Size   32.14 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Primary Side PWM Controller

AS2208N Datasheet (PDF)

Go To PDF Page Download Datasheet
AS2208N Datasheet PDF - List of Unclassifed Manufacturers

Part # AS2208N
Download  AS2208N Click to download

File Size   32.14 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Primary Side PWM Controller

AS2208N Datasheet (HTML) - List of Unclassifed Manufacturers


AS2208N Product details

[ASTEC]



Description

The AS2208 is a simplified pulse width modulation control ler, offering similar functionality as that of the AS3842. Based on the AS2214, the AS2208 provides the additional features of low startup current and overvoltage latching, making it a good solution for adapter applications.



Features

• Low Startup Current

• Single-start or auto-restart modes

• Oscillator trimmed for precision duty cycle clamp

• Standard temperature range extended to 105°C

• Remote on / off control

• Self limiting supply Voltage

• Standard current mode control



 




Similar Part No. - AS2208N

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306LF SKYWORKS-AS221-306LF Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
More results


Similar Description - AS2208N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
Primary-side-control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
Primary-Side-Control PWM Controller
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
Primary-Side-Control PWM Controller
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com