Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUD42D Datasheet (PDF) - ON Semiconductor

BUD42D Datasheet PDF - ON Semiconductor
Part # BUD42D
Download  BUD42D Download
File Size   193.44 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability

BUD42D Datasheet (PDF)

Go To PDF Page Download Datasheet
BUD42D Datasheet PDF - ON Semiconductor

Part # BUD42D
Download  BUD42D Click to download

File Size   193.44 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability

BUD42D Datasheet (HTML) - ON Semiconductor


BUD42D Product details

High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability

The BUD42D is a state−of−the−art bipolar transistor. Tight dynamic characteristics and lot to lot minimum spread make it ideally suitable for light ballast applications.

Features
• Free−Wheeling Diode Built−In
• Flat DC Current Gain
• Fast Switching Times and Tight Distribution
• “6 Sigma” Process Providing Tight and Reproducible Parameter
   Spreads
• Epoxy Meets UL 94 V−0 @ 0.125 in
• These Devices are Pb−Free and are RoHS Compliant

Two Versions
• BUD42D−1: Case 369D for Insertion Mode
• BUD42D, BUD42DT4: Case 369C for Surface Mount Mode




Similar Part No. - BUD42D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results


Similar Description - BUD42D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL642D2 ONSEMI-BUL642D2 Datasheet
101Kb / 8P
High Speed, High Gain Bipolar NPN Transistor with Integrated Collector?묮mitter and Built?뭝n Efficient Antisaturation Network
August, 2005 ??Rev. 1
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
Rev 2
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
logo
IXYS Corporation
MMIX4B22N300 IXYS-MMIX4B22N300 Datasheet
238Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBA14N300HV IXYS-IXBA14N300HV Datasheet
365Kb / 6P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH20N300 IXYS-IXBH20N300 Datasheet
180Kb / 5P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com