Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352WT1G Datasheet (PDF) - ON Semiconductor

MMBD352WT1G Datasheet PDF - ON Semiconductor
Part # MMBD352WT1G
Download  MMBD352WT1G Download
File Size   127.59 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Schottky Barrier Diode

MMBD352WT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD352WT1G Datasheet PDF - ON Semiconductor

Part # MMBD352WT1G
Download  MMBD352WT1G Click to download

File Size   127.59 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Schottky Barrier Diode

MMBD352WT1G Datasheet (HTML) - ON Semiconductor


MMBD352WT1G Product details

These devices are designed primarily for UHF mixer applications but are suitable also for use in detector and ultra−fast switching circuits.



Features

• Very Low Capacitance − Less Than 1.0 pF @ 0 V

• Low Forward Voltage − 0.5 V (Typ) @ IF = 10 mA

• AEC Qualified and PPAP Capable

• NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements

• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant*



 




Similar Part No. - MMBD352WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
43Kb / 4P
Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
More results


Similar Description - MMBD352WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
DUAL SCHOTTKY BARRIER DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
Dual Schottky barrier diode
17 December 2012
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
Dual Schottky barrier diode
17 December 2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com