Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A.01.C.301111 Datasheet (PDF) - Taoglas antenna solutions

A.01.C.301111 Datasheet PDF - Taoglas antenna solutions
Part # A.01.C.301111
Download  A.01.C.301111 Download
File Size   530.58 Kbytes
Page   9 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Two Stage 30dB Active GPS Antenna

A.01.C.301111 Datasheet (PDF)

Go To PDF Page Download Datasheet
A.01.C.301111 Datasheet PDF - Taoglas antenna solutions

Part # A.01.C.301111
Download  A.01.C.301111 Click to download

File Size   530.58 Kbytes
Page   9 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Two Stage 30dB Active GPS Antenna

A.01.C.301111 Datasheet (HTML) - Taoglas antenna solutions


A.01.C.301111 Product details

Description
Two Stage 30dB Active GPS/GALILEO Antenna.
Height 29mm Diameter 49mm
UV and Vandal Resistant PC Housing
IP67 & IP69K Waterproof Rating
3M RG-174 RP-SMA(M) – Standard
RoHS Compliant

Applications
Location based services
M2M
Telematics
Remote monitoring
Timing for base stations
Vehicle fleet tracking




Similar Part No. - A.01.C.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
A.03.C.1001111 TAOGLAS-A.03.C.1001111 Datasheet
636Kb / 13P
Location based services
More results


Similar Description - A.01.C.301111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA109301111 ETC2-AA109301111 Datasheet
442Kb / 5P
Active GPS Antenna
AP12B070046A ETC2-AP12B070046A Datasheet
1Mb / 13P
12mm Two Stage Active GPS Patch Antenna
AP17F070064A ETC2-AP17F070064A Datasheet
1Mb / 11P
17mm Two Stage GPS Active Patch Antenna Module
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25J0110000D ETC2-AP25J0110000D Datasheet
1Mb / 9P
25mm Three Stage Active GPS Patch Antenna
logo
Pulse A Technitrol Comp...
GPSGMSMA PULSE-GPSGMSMA Datasheet
2Mb / 3P
Active GPS Antenna
logo
Taoglas antenna solutio...
AP12B070046A TAOGLAS-AP12B070046A Datasheet
565Kb / 9P
12mm Two Stage Active GPS Patch Antenna
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
25mm Three Stage Active GPS Patch Antenna
logo
Suzhou Maswell Communic...
AN_GPS_A001_FAKRA MASWELL-AN_GPS_A001_FAKRA Datasheet
492Kb / 3P
GPS Active Antenna
AN_GPS_A001_MMCX MASWELL-AN_GPS_A001_MMCX Datasheet
492Kb / 3P
GPS Active Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com