Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4426S Datasheet (PDF) - International Rectifier

IR4426S Datasheet PDF - International Rectifier
Part # IR4426S
Download  IR4426S Download
File Size   141.91 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL LOW SIDE DRIVER

IR4426S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR4426S Datasheet PDF - International Rectifier

Part # IR4426S
Download  IR4426S Click to download

File Size   141.91 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL LOW SIDE DRIVER

IR4426S Datasheet (HTML) - International Rectifier


IR4426S Product details

IO+/-                            1.5A / 1.5A

VOUT                             6V - 20V

ton/off(typ.)                     85 & 65 ns



Descriptions

The IR4426/IR4427/IR4428 (S) is a low voltage, high speed power MOSFET and IGBT driver. Proprietary latch immune CMOS technologies enable ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs. The output drivers feature a high

pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays between two channels are matched.



Features

•Gate drive supply range from 6 to 20V

•CMOS Schmitt-triggered inputs

•Matched propagation delay for both channels

•Outputs out of phase with inputs (IR4426)

•Outputs in phase with inputs (IR4427)

•OutputA out of phase with inputA and

OutputB in phase with inputB (IR4428)

•Also available LEAD-FREE




Similar Part No. - IR4426S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4426S IRF-IR4426S Datasheet
311Kb / 12P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IR4426S INFINEON-IR4426S Datasheet
228Kb / 12P
DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
logo
International Rectifier
IR4426SPBF IRF-IR4426SPBF Datasheet
311Kb / 12P
DUAL LOW SIDE DRIVER
IR4426STRPBF IRF-IR4426STRPBF Datasheet
311Kb / 12P
DUAL LOW SIDE DRIVER
More results


Similar Description - IR4426S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
DUAL LOW SIDE DRIVER
Oct-1990
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
DUAL LOW SIDE DRIVER
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
DUAL LOW SIDE DRIVER
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com