Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ23 Datasheet (PDF) - Vishay Siliconix

DZ23 Datasheet PDF - Vishay Siliconix
Part # DZ23
Download  DZ23 Download
File Size   120.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes, Dual

DZ23 Datasheet (PDF)

Go To PDF Page Download Datasheet
DZ23 Datasheet PDF - Vishay Siliconix

Part # DZ23
Download  DZ23 Click to download

File Size   120.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes, Dual

DZ23 Datasheet (HTML) - Vishay Siliconix


DZ23 Product details

FEATURES
• Dual silicon planar Zener diodes, common cathode
• The Zener voltages are graded according to the international E24 standard. Standard Zener voltage tolerance is ± 5 %.
• The parameters are valid for both diodes in one case. ΔVZ and ΔRzj of the two diodes in one case is ≤ 5 %
• AEC-Q101 qualified available
• ESD capability according to AEC-Q101: human body model > 8 kV machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - DZ23

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DZ23 GE-DZ23 Datasheet
404Kb / 9P
Dual Common-Cathode Zener Diodes
logo
EIC discrete Semiconduc...
DZ23 EIC-DZ23 Datasheet
113Kb / 2P
ZENER DIODE
logo
Vishay Siliconix
DZ23 VISHAY-DZ23 Datasheet
115Kb / 7P
Small Signal Zener Diodes, Dual
01-Mar-13
logo
General Semiconductor
DZ23-B10 GE-DZ23-B10 Datasheet
404Kb / 9P
Dual Common-Cathode Zener Diodes
DZ23-B11 GE-DZ23-B11 Datasheet
404Kb / 9P
Dual Common-Cathode Zener Diodes
More results


Similar Description - DZ23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
Small Signal Zener Diodes, Dual
02-Feb-12
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
Small Signal Zener Diodes, Dual
22-Nov-11
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
Small Signal Zener Diodes, Dual
08-Jul-04
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
Small Signal Zener Diodes, Dual
04-Mar-13
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
Small Signal Zener Diodes, Dual
27-Feb-18
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
11-Dec-2019
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
Small Signal Zener Diodes, Dual
13-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com