Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-2KBP Datasheet (PDF) - Vishay Siliconix

VS-2KBP Datasheet PDF - Vishay Siliconix
Part # VS-2KBP
Download  VS-2KBP Download
File Size   117.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge Rectifier, 2 A

VS-2KBP Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-2KBP Datasheet PDF - Vishay Siliconix

Part # VS-2KBP
Download  VS-2KBP Click to download

File Size   117.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge Rectifier, 2 A

VS-2KBP Datasheet (HTML) - Vishay Siliconix


VS-2KBP Product details

DESCRIPTION
A 2 A single phase encapsulated bridge rectifier consisting of four single diodes connected as a full bridge. They are intended for general applications in industrial and consumer equipment.

FEATURES
• Suitable for printed circuit board mounting
• Compact construction
• High surge current capability
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - VS-2KBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-2KBP VISHAY-VS-2KBP Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-2KBP005 VISHAY-VS-2KBP005 Datasheet
110Kb / 6P
Single Phase Rectifier Bridge
04-Apr-14
VS-2KBP005 VISHAY-VS-2KBP005 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-2KBP01 VISHAY-VS-2KBP01 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-2KBP02 VISHAY-VS-2KBP02 Datasheet
110Kb / 6P
Single Phase Rectifier Bridge
04-Apr-14
More results


Similar Description - VS-2KBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBP VISHAY-2KBP_12 Datasheet
114Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-2KBP VISHAY-VS-2KBP_V01 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
VS-2KBP VISHAY-VS-2KBP_V02 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com