Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3990MF-0.8 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LP3990MF-0.8 Datasheet PDF - National Semiconductor (TI)
Part # LP3990MF-0.8
Download  LP3990MF-0.8 Download
File Size   711.5 Kbytes
Page   13 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 150mA Linear Voltage Regulator for Digital Applications

LP3990MF-0.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3990MF-0.8 Datasheet PDF - National Semiconductor (TI)

Part # LP3990MF-0.8
Download  LP3990MF-0.8 Click to download

File Size   711.5 Kbytes
Page   13 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 150mA Linear Voltage Regulator for Digital Applications

LP3990MF-0.8 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP3990MF-0.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990MF-1.2 TI-LP3990MF-1.2 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-1.2 TI-LP3990MF-1.2 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-1.2/NOPB TI1-LP3990MF-1.2/NOPB Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-1.2/NOPB TI2-LP3990MF-1.2/NOPB Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
LP3990MF-1.2/NOPB.A TI2-LP3990MF-1.2/NOPB.A Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
More results


Similar Description - LP3990MF-0.8

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com