Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N35S-TA1 Datasheet (PDF) - Lite-On Technology Corporation

4N35S-TA1 Datasheet PDF - Lite-On Technology Corporation
Part # 4N35S-TA1
Download  4N35S-TA1 Download
File Size   616.92 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Photocoupler Product Data Sheet

4N35S-TA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N35S-TA1 Datasheet PDF - Lite-On Technology Corporation

Part # 4N35S-TA1
Download  4N35S-TA1 Click to download

File Size   616.92 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Photocoupler Product Data Sheet

4N35S-TA1 Datasheet (HTML) - Lite-On Technology Corporation


4N35S-TA1 Product details

Features
• High current transfer ratio (CTR : MIN.100% at IF=10mA, VCE=10V)
• Response time (ton : TYP, 3 s at VCE=10V, IC=2mA, RL=100 )
• Input-output isolation voltage :
   LTV-4N35(Viso : 3,550Vrms)
   LTV-4N37(Viso : 1,550Vrms)
• UL approved (No. E113898)
• TUV approved (No.R9653630)
• CSA approved (No. CA91533-1)
• FIMKO approved (No. 193422)
• NEMKO approved (No. P96103013)
• DEMKO approved (No. 303985)
• SEMKO approved (No. 9646047/01-30)
• VDE approved (No. 094722)
• Options available :
   -Leads with 0.4"(10.16mm)spacing (M Type)
   -Leads bends for surface mounting(S Type)
   -Tape and Reel of Type I for SMD(Add"-TA"Suffix)
   -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
   -VDE 0884 approvals (Add"-V"Suffix)

Applications
1. I/O interfaces for computers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - 4N35S-TA1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N35S-M FAIRCHILD-4N35S-M Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Similar Description - 4N35S-TA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL815 ETC-EL815 Datasheet
373Kb / 11P
Technical Data Sheet Photocoupler
logo
Everlight Electronics C...
EL817L EVERLIGHT-EL817L Datasheet
354Kb / 12P
Technical Data Sheet Photocoupler
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
Product Search Data Sheet
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
Product Search Data Sheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com