Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KU386 Datasheet (PDF) - Intel Corporation

KU386 Datasheet PDF - Intel Corporation
Part # KU386
Download  KU386 Download
File Size   1268.76 Kbytes
Page   102 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SX MICROPROCESSOR

KU386 Datasheet (PDF)

Go To PDF Page Download Datasheet
KU386 Datasheet PDF - Intel Corporation

Part # KU386
Download  KU386 Click to download

File Size   1268.76 Kbytes
Page   102 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SX MICROPROCESSOR

KU386 Datasheet (HTML) - Intel Corporation


KU386 Product details

INTRODUCTION
The Intel386 SX Microprocessor is 100% object code compatible with the Intel386 DX, 286 and 8086 microprocessors. Systems based on the Intel386 SX CPU can access the world’s largest existing microcomputer software base, including the growing 32-bit software base.

■ Full 32-Bit Internal Architecture
   — 8-, 16-, 32-Bit Data Types
   — 8 General Purpose 32-Bit Registers
■ Runs Intel386TM Software in a Cost Effective 16-Bit Hardware Environment
   — Runs Same Applications and O.S.’s as the Intel386TM DX Processor
   — Object Code Compatible with 8086, 80186, 80286, and Intel386TM Processors
■ High Performance 16-Bit Data Bus
   — 16, 20, 25 and 33 MHz Clock
   — Two-Clock Bus Cycles
   — Address Pipelining Allows Use of Slower/Cheaper Memories
■ Integrated Memory Management Unit
   — Virtual Memory Support
   — Optional On-Chip Paging
   — 4 Levels of Hardware Enforced Protection
   — MMU Fully Compatible with Those of the 80286 and Intel386 DX CPUs
■ Virtual 8086 Mode Allows Execution of 8086 Software in a Protected and Paged System
■ Large Uniform Address Space
   — 16 Megabyte Physical
   — 64 Terabyte Virtual
   — 4 Gigabyte Maximum Segment Size
■ Numerics Support with the Intel387TM SX Math CoProcessor
■ On-Chip Debugging Support Including Breakpoint Registers
■ Complete System Development Support
   — Software: C, PL/M, Assembler
   — Debuggers: PMON-386 DX, ICETM-386 SX
■ High Speed CHMOS IV Technology
■ Operating Frequency:
   — Standard
      (Intel386 SX -33, -25, -20, -16) Min/Max Frequency (4/33, 4/25, 4/20, 4/16) MHz
   — Low Power
      (Intel386 SX -33, -25, -20, -16, -12) Min/Max Frequency (2/33, 2/25, 2/20, 2/16, 2/12) MHz
■ 100-Pin Plastic Quad Flatpack Package




Similar Part No. - KU386

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU310N10D KEC-KU310N10D Datasheet
410Kb / 7P
N-ch Trench MOS FET
KU310N10D KEC-KU310N10D_15 Datasheet
1Mb / 7P
N-ch Trench MOS FET
KU310N10F KEC-KU310N10F Datasheet
1Mb / 7P
N-ch Trench MOS FET
KU310N10P KEC-KU310N10P Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU310N10P KEC-KU310N10P Datasheet
1Mb / 7P
N-ch Trench MOS FET
More results


Similar Description - KU386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
SX-A Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
SX-A Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
SX Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Intel Corporation
NG80386SXLP33 INTEL-NG80386SXLP33 Datasheet
1Mb / 102P
Intel386 SX MICROPROCESSOR
logo
Actel Corporation
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Sharma Electro Componen...
SX SHARMA-SX Datasheet
352Kb / 2P
SX Series
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com