Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEF-C5001T Datasheet (PDF) - List of Unclassifed Manufacturers

LEF-C5001T Datasheet PDF - List of Unclassifed Manufacturers
Part # LEF-C5001T
Download  LEF-C5001T Download
File Size   59.63 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FULL COLOR LED LAMPS

LEF-C5001T Datasheet (PDF)

Go To PDF Page Download Datasheet
LEF-C5001T Datasheet PDF - List of Unclassifed Manufacturers

Part # LEF-C5001T
Download  LEF-C5001T Click to download

File Size   59.63 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FULL COLOR LED LAMPS

LEF-C5001T Datasheet (HTML) - List of Unclassifed Manufacturers


LEF-C5001T Product details

[Letex]

Features:
• High capability and high steady
• Low power dissipation
• Both kinds of function: Controls for Mono and Multi Lite
• Mono lite can be automatically started up by electric power
• Gradated controls for bright or dark

Statements:
Lightened 3-color (RGB) Blinking LED, it can be automatically started when turn on.
Blinking modes: R, G, B, RG, GB, RB, RGB, gradating bright or dark




Similar Part No. - LEF-C5001T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
FULL COLOR LED LAMPS
LEF-C5004T ETC1-LEF-C5004T Datasheet
59Kb / 2P
FULL COLOR LED LAMPS
More results


Similar Description - LEF-C5001T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEF-C5004T ETC1-LEF-C5004T Datasheet
59Kb / 2P
FULL COLOR LED LAMPS
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
10mm FULL COLOR RGB LAMPS
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
FULL COLOR LED LAMPS
logo
A-BRIGHT Inc
AL-HD1G6B433T A-BRIGHT-AL-HD1G6B433T Datasheet
320Kb / 5P
Full Color Chip LED Lamps
2007/6/13
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T Datasheet
340Kb / 7P
Full Color Chip LED Lamps
2007/6/13
logo
Lucky Light Electronic
GB-339RPGBC-A LUCKY-LIGHT-GB-339RPGBC-A Datasheet
45Kb / 1P
Full-Color, LED Lamps (5mm, 4 Pins)
GB-U42 LUCKY-LIGHT-GB-U42 Datasheet
43Kb / 1P
Full-Color LED Lamps
logo
A-BRIGHT Inc
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T_09 Datasheet
272Kb / 6P
Full Color Chip LED Lamps
AL-HUBG6B434T A-BRIGHT-AL-HUBG6B434T Datasheet
275Kb / 6P
Full Color Chip LED Lamps
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
FULL COLOR LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com