Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160ET70N6T Datasheet (PDF) - STMicroelectronics

M29W160ET70N6T Datasheet PDF - STMicroelectronics
Part # M29W160ET70N6T
Download  M29W160ET70N6T Download
File Size   665.25 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory

M29W160ET70N6T Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W160ET70N6T Datasheet PDF - STMicroelectronics

Part # M29W160ET70N6T
Download  M29W160ET70N6T Click to download

File Size   665.25 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory

M29W160ET70N6T Datasheet (HTML) - STMicroelectronics


M29W160ET70N6T Product details

SUMMARY DESCRIPTION

The M29W160E is a 16 Mbit (2Mb x8 or 1Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.



FEATURES SUMMARY

■ SUPPLY VOLTAGE

– VCC = 2.7V to 3.6V for Program, Erase and Read

■ ACCESS TIMES: 70, 90ns

■ PROGRAMMING TIME

– 10µs per Byte/Word typical

■ 35 MEMORY BLOCKS

– 1 Boot Block (Top or Bottom Location)

– 2 Parameter and 32 Main Blocks

■ PROGRAM/ERASE CONTROLLER

– Embedded Byte/Word Program algorithms

■ ERASE SUSPEND and RESUME MODES

– Read and Program another Block during Erase Suspend

■ UNLOCK BYPASS PROGRAM COMMAND

– Faster Production/Batch Programming

■ TEMPORARY BLOCK UNPROTECTION MODE

■ COMMON FLASH INTERFACE

– 64 bit Security Code

■ LOW POWER CONSUMPTION

– Standby and Automatic Standby

■ 100,000 PROGRAM/ERASE CYCLES per BLOCK

■ ELECTRONIC SIGNATURE

– Manufacturer Code: 0020h

– Top Device Code M29W160ET: 22C4h

– Bottom Device Code M29W160EB: 2249h




Similar Part No. - M29W160ET70N6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160ET70N6T NUMONYX-M29W160ET70N6T Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Similar Description - M29W160ET70N6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
30-Mar-2000
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
logo
Numonyx B.V
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com