Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP294 Datasheet (PDF) - OPTEK Technologies

OP294 Datasheet PDF - OPTEK Technologies
Part # OP294
Download  OP294 Download
File Size   226.21 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description GaAlAs Plastic Infrared Emitting Diode

OP294 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP294 Datasheet PDF - OPTEK Technologies

Part # OP294
Download  OP294 Click to download

File Size   226.21 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description GaAlAs Plastic Infrared Emitting Diode

OP294 Datasheet (HTML) - OPTEK Technologies


OP294 Product details

Plastic Infrared Emitting Diode OP290 Series

Description:
Each device in this series, is a gallium aluminum arsenide infrared Light Emitting Diode (LED) that is molded in an IR-transmissive package with a wavelength centered at 890 nm, which closely matches the spectral response of silicon phototransistors, exceptfor OP298 (AA, AB, AC, AD), which has an 875 nm wavelength. For identification purposes, each LED anode lead is longer than the cathode lead. Package T-1¾ devices include: OP290, OP291, OP292, OP294, OP295, OP296, OP297, OP299 (A, B, C). Plastic Package TO-18 or TO-46 devices include:  OP293and OP298 (A, B, C, AA, AB, AC, AD).
Each OP290, OP291 and OP292series come in three electrical parameters options A, B and C. The OP290 series forward current is specified underpulse conditions up to 1.5 amps, the OP291series forward current is specified under pulse conditions up to 100 milliamps and the OP292series forward current is specified under pulse conditions up to 1 amp. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. The silver-copper lead frame offers excellent thermal characteristics.
Each OP293and OP298series come in three electrical parameter options A, B and C. The OP293 series has an included emission angle of 60° while the OP298 series has an included emission angle of 25°. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. These devices, which come in a variety of power ranges offering a low cost replacement for TO-18 or TO-46 hermetic packages.
Each OP298series come with a high irradiance output versionswith four electrical parameter options AA, AB, AC and AD. These power options are in the range of 5Xgreater than the A, B or C options. The OP298 series has an included emission angle of 25°. The Cathode Lead length is0.06” (1.52 mm) shorter than the Anode Lead. These devices, which come in a variety of power ranges offering a low cost replacement for TO-18 or TO-46 hermetic packages.

Features:
• Choice of narrow or wide irradiance pattern
• Choice of power ranges
• Choice of T-1¾, TO-18 or T-46 package
• Higher power output than GaAs at equivalent LEDs




Similar Part No. - OP294

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP294 OPTEK-OP294 Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
OP294 OPTEK-OP294 Datasheet
290Kb / 8P
Plastic Infrared Emitting Diode
logo
TT Electronics.
OP294 TTELEC-OP294 Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
OP294A TTELEC-OP294A Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
OP294AA TTELEC-OP294AA Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
More results


Similar Description - OP294

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HE8812SG HITACHI-HE8812SG Datasheet
140Kb / 6P
GaAlAs Infrared Emitting Diode
logo
Opnext. Inc.
HE8404SG OPNEXT-HE8404SG Datasheet
186Kb / 6P
GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811 Datasheet
186Kb / 6P
GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG Datasheet
187Kb / 6P
GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG_06 Datasheet
90Kb / 4P
GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811_06 Datasheet
90Kb / 4P
GaAlAs Infrared Emitting Diode
HE8812SG OPNEXT-HE8812SG Datasheet
89Kb / 4P
GaAlAs Infrared Emitting Diode
logo
KODENSHI_AUK CORP.
KEM5001R KODENSHI-KEM5001R Datasheet
227Kb / 2P
Infrared Emitting Diode(GaAlAs)
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
Infrared Emitting Diode(GaAlAs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com