Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P343 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-P343 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-P343
Download  ACPL-P343 Download
File Size   283.31 Kbytes
Page   20 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 200 ns maximum propagation delay

ACPL-P343 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-P343 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P343
Download  ACPL-P343 Click to download

File Size   283.31 Kbytes
Page   20 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 200 ns maximum propagation delay

ACPL-P343 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-P343 Product details

Description

The ACPL-P343/W343 contains an AlGaAs LED, which is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and high peak output current supplied by this optocoupler make it ideally suited for direct driving IGBT with ratings up to 1200 V / 200 A. For IGBTs with higher ratings, this optocoupler can be used to drive a discrete power stage which drives the IGBT gate. The ACPL-P343 and ACPL-W343 have the highest insulation voltage of VIORM = 891 Vpeak and VIORM = 1140 Vpeak respectively in the IEC/EN/DIN EN 60747-5-2.



Features

• 4.0 A maximum peak output current

• 3.0 A minimum peak output current

• Rail-to-rail output voltage

• 200 ns maximum propagation delay

• 100 ns maximum propagation delay difference

• LED current input with hysteresis

• 35 kV/s minimum Common Mode Rejection (CMR) at VCM = 1500 V

• ICC = 3.0 mA maximum supply current

• Under Voltage Lock-Out protection (UVLO) with hysteresis

• Wide operating VCC Range: 15 to 30 V

• Industrial temperature range: -40° C to 105° C

• Safety Approval:

   – UL Recognized 3750/5000 VRMS for 1 min.

   – CSA

   – IEC/EN/DIN EN 60747-5-2 VIORM = 891/1140 Vpeak

  

Applications

• IGBT/MOSFET gate drive

• AC and Brushless DC motor drives

• Renewable energy inverters

• Industrial inverters

• Switching power supplies



 




Similar Part No. - ACPL-P343

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343-000E AVAGO-ACPL-P343-000E Datasheet
283Kb / 20P
4.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P343-060E AVAGO-ACPL-P343-060E Datasheet
283Kb / 20P
4.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P343-500E AVAGO-ACPL-P343-500E Datasheet
283Kb / 20P
4.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P343-560E AVAGO-ACPL-P343-560E Datasheet
283Kb / 20P
4.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - ACPL-P343

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
Typical propagation delay: 18 ns
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
500 ns maximum propagation delay
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com