Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3000 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-3000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-3000
Download  HCPL-3000 Download
File Size   418.79 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolated bipolar transistor base drive

HCPL-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3000
Download  HCPL-3000 Click to download

File Size   418.79 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolated bipolar transistor base drive

HCPL-3000 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-3000 Product details

Description
The HCPL-3000 consists of a Silicon-doped GaAs LED optically coupled to an integrated circuit with a power output stage. This optocoupler is suited for driving power bipolar transistors and power Darlington devices used in motor control inverter applications. The high peak and steady state current capabilities of the output stage allow for direct interfacing to the power device without the need for an intermediate amplifier stage. With a CMR rating of 10 kV/µs this optocoupler readily rejects transients found in inverter applications.

Features
• High output current:
   IO2 (2.0 A Peak, 0.6 A continuous)
   IO1 (1.0 A Peak, 0.5 A continuous)
• 10 kV/µs minimum Common Mode Rejection (CMR) at
   VCM = 600 V
• Wide VCC range (5.4 to 13 volts)
• 2 µs typical propagation delay
• Recognized under UL 1577 for dielectric withstand proof
   test voltage of 5000 vac, 1 minute

Applications
• Isolated bipolar transistor base drive
• AC and DC motor drives
• General purpose industrial inverters
• Uninterruptable power supply




Similar Part No. - HCPL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
Power Bipolar Transistor Base Drive Optocoupler
More results


Similar Description - HCPL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
Power Bipolar Transistor Base Drive Optocoupler
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com