Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C79A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-C79A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-C79A
Download  ACPL-C79A Download
File Size   309.97 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Miniature Isolation Amplifiers

ACPL-C79A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-C79A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C79A
Download  ACPL-C79A Click to download

File Size   309.97 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Miniature Isolation Amplifiers

ACPL-C79A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-C79A Product details

Description
The ACPL-C79B/C79A/C790 isolation amplifers are designed for current and voltage sensing in electronic power converters in applications including motor drives and renewable energy systems. In a typical motor drive implementation, current flows through an external resistor and the resulting analog voltage drop is sensed by the isolation amplifer. A differential output voltage that is proportional to the current is created on the other side of the optical isolation barrier.

Features
• ±0.5% High Gain Accuracy (ACPL-C79B)
• –50 ppm/°C Low Gain Drift
• 0.4 mV Input Offset Voltage
• 0.05% Excellent Linearity
• 62 dB SNR
• 200 kHz Wide Bandwidth
• 3 V to 5.5 V Wide Supply Range for Output Side
• –40°C to +105°C Operating Temperature Range
• Advanced Sigma-Delta (∑-∆) A/D Converter Technology
• Fully Differential Isolation Amplifer
• 15 kV/µs Common-Mode Transient Immunity
• Compact, Auto-Insertable Stretched SO-8 Package
• Safety and Regulatory Approvals:
   – IEC/EN/DIN EN 60747-5-5: 1414 Vpeak working
      insulation voltage
   – UL 1577: 5000 Vrms/1min double protection rating
   – CSA: Component Acceptance Notice #5

Applications
• Current/Voltage Sensing in AC and Servo Motor Drives
• Solar Inverters, Wind Turbine Inverters
• Industrial Process Control
• Data acquisition systems
• Switching Power Supply Signal Isolation
• General Purpose Analog Signal Isolation
• Traditional Current Transducer Replacements




Similar Part No. - ACPL-C79A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-500E AVAGO-ACPL-C79A-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
More results


Similar Description - ACPL-C79A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
Precision Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
Precision Isolation Amplifiers
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com