Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA806G Datasheet (PDF) - STMicroelectronics

STTA806G Datasheet PDF - STMicroelectronics
Part # STTA806G
Download  STTA806G Download
File Size   264.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE

STTA806G Datasheet (PDF)

Go To PDF Page Download Datasheet
STTA806G Datasheet PDF - STMicroelectronics

Part # STTA806G
Download  STTA806G Click to download

File Size   264.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE

STTA806G Datasheet (HTML) - STMicroelectronics


STTA806G Product details

DESCRIPTION
The TURBOSWITCH is a very high performance series of ultra-fast high voltage power diodes from 600V to 1200V.
TURBOSWITCH family, drastically cuts losses in both the diode and the associated switching IGBT or MOSFET in all “freewheel mode” operations and is particularly suitable and efficient in motor control freewheel applications and in booster diode applications in power factor control circuitries.
Packaged either in TO-220AC, insulated TO-220AC or in D2PAK, these 600V devices are particularly intended for use on 240V domestic mains. 

FEATURES AND BENEFITS
■ SPECIFIC TO “FREEWHEEL MODE” OPERATIONS:
   FREEWHEEL OR BOOSTER DIODE
■ ULTRA-FAST AND SOFT RECOVERY
■ VERY LOW OVERALL POWER LOSSES IN
   BOTH THE DIODE AND THE COMPANION
   TRANSISTOR
■ HIGH FREQUENCY OPERATIONS
■ INSULATED PACKAGE : TO-220AC
   Electrical insulation : 2500VRMS
   Capacitance < 7 pF




Similar Part No. - STTA806G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA806G STMICROELECTRONICS-STTA806G Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806G-TR STMICROELECTRONICS-STTA806G-TR Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results


Similar Description - STTA806G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com