Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAD-6002 Datasheet (PDF) - List of Unclassifed Manufacturers

NAD-6002 Datasheet PDF - List of Unclassifed Manufacturers
Part # NAD-6002
Download  NAD-6002 Download
File Size   41.67 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 60W Open Frame Single Output

NAD-6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
NAD-6002 Datasheet PDF - List of Unclassifed Manufacturers

Part # NAD-6002
Download  NAD-6002 Click to download

File Size   41.67 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 60W Open Frame Single Output

NAD-6002 Datasheet (HTML) - List of Unclassifed Manufacturers


NAD-6002 Product details

[YCL]

Feature:
● 90 to 264Vac universal input range.
● UL/CUL, TUV, CB safety meet(approval).
● EMI/RFI meet VDE & FCC limit B.
● Low cost & compact size.
● 60Watts in127´76.2´44.1mm Size.
 2 Year Warranty.




Similar Part No. - NAD-6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-6012 ETC-NAD-6012 Datasheet
42Kb / 2P
60W Open Frame Dual Output
NAD-601X ETC-NAD-601X Datasheet
42Kb / 2P
60W Open Frame Dual Output
More results


Similar Description - NAD-6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-601X ETC-NAD-601X Datasheet
42Kb / 2P
60W Open Frame Dual Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
40Watts Open Frame Single Output
logo
FSP TECHNOLOGY INC.
FSP060-1S35-36 FSP-FSP060-1S35-36 Datasheet
132Kb / 1P
60W Open frame type power supply with 36V DC output
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60_16 Datasheet
700Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
60W Single Output
logo
Recom International Pow...
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
logo
ETA-USA
ZMB-SX-W ETA-USA-ZMB-SX-W Datasheet
3Mb / 3P
60W Open Frame
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com