Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2GZ47 Datasheet (PDF) - Toshiba Semiconductor

SM2GZ47 Datasheet PDF - Toshiba Semiconductor
Part # SM2GZ47
Download  SM2GZ47 Download
File Size   168.95 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM2GZ47 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2GZ47 Datasheet PDF - Toshiba Semiconductor

Part # SM2GZ47
Download  SM2GZ47 Click to download

File Size   168.95 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM2GZ47 Datasheet (HTML) - Toshiba Semiconductor


SM2GZ47 Product details

AC POWER CONTROL APPLICATIONS





* IT(RMS) = 1A (Ta = 65°C without radiator)

* Gate Trigger Current  : IGT = 5mA Max. (TYPE “A”)

* Repetitive Peak Off−State Voltage  : VDRM = 400V, 600V

* R.M.S On−State Current  : IT (RMS) = 2A (Tc = 110°C)

* Isolation Voltage  : VISOL = 1500V (AC, t = 60s)




Similar Part No. - SM2GZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Toshiba Semiconductor
SM2G54 TOSHIBA-SM2G54 Datasheet
226Kb / 5P
AC POWER CONTROL APPLICATIONS
More results


Similar Description - SM2GZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
AC POWER CONTROL APPLICATIONS
SM2L54 TOSHIBA-SM2L54 Datasheet
226Kb / 5P
AC POWER CONTROL APPLICATIONS
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
AC POWER CONTROL APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com