Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK6005 Datasheet (PDF) - List of Unclassifed Manufacturers

STK6005 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK6005
Download  STK6005 Download
File Size   391.92 Kbytes
Page   36 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description converting PC / Mac video images for a TFT-LCD display monitor

STK6005 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK6005 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK6005
Download  STK6005 Click to download

File Size   391.92 Kbytes
Page   36 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description converting PC / Mac video images for a TFT-LCD display monitor

STK6005 Datasheet (HTML) - List of Unclassifed Manufacturers


STK6005 Product details

[Syntek Semiconductor Co., Ltd.]

GENERAL DESCRIPTION
The STK6005 chip, converting PC / Mac video images for a TFT-LCD display monitor, performs an image scaler on the RGB / YUV image data stream and outputs the scaled pixels to the LCD panel. The chip embeds line buffers for a scaling operation, so there is no external memory required. Both the OSD (On-Screen Display) circuit and the interface are embedded in this chip to support the internal and external OSD. STK6005 also provides an auto-adjustment function to automatically support the frequency & phase tuning, H / V positioning and white balance tuning. A brightness and contrast control circuit and a Gamma table correction function are also provided.

FEATURES
General Features:
• Single-chip video scaling solution, no external memory required
• Programmable independently horizontal and vertical scaling up and down
• Advanced filters provided to get a high quality scaling image
• Auto-adjustment to frequency, phase, H/V position, and white balance
• Hardware display mode and field detection
• Brightness and contrast control
• 10-bit Gamma table
• Dithering for 24-bit or 18-bit panel output
• Serial 2 wires of the I2C interface
• 0.25um CMOS technology with 3V I/O interface (5V tolerant input)
• 128 pins of the PQFP package




Similar Part No. - STK6005

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
Super high dense cell design for low RDS(ON).
logo
ATMEL Corporation
STK600-ATTINY10 ATMEL-STK600-ATTINY10 Datasheet
28Kb / 1P
Socket card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
Routing card
STK600-RC020T-54 ATMEL-STK600-RC020T-54 Datasheet
40Kb / 1P
Routing card
More results


Similar Description - STK6005

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
Color TFT-LCD Module(Desktop PC/Monitor)
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
IIC BUS controled 3channel video pre-amplifier for LCD display monitor
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Renesas Technology Corp
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED PURDY-ANDPSI025TD-LED Datasheet
407Kb / 7P
TFT LCD Color Monitor
ANDPSI025TD-LED-KIT PURDY-ANDPSI025TD-LED-KIT Datasheet
407Kb / 8P
TFT LCD Color Monitor
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com