Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8068F Datasheet (PDF) - Toshiba Semiconductor

TA8068F Datasheet PDF - Toshiba Semiconductor
Part # TA8068F
Download  TA8068F Download
File Size   178.76 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent Stepping Motor Driver

TA8068F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8068F Datasheet PDF - Toshiba Semiconductor

Part # TA8068F
Download  TA8068F Click to download

File Size   178.76 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent Stepping Motor Driver

TA8068F Datasheet (HTML) - Toshiba Semiconductor


TA8068F Product details

Intelligent Stepping Motor Driver

The TA8068F is a stepping motor driver with a current capacity of 1.5A. Inputs INA and INB are combined to control the four outputs.
Since the inputs are TTL-compatible, this IC can be controlled directly from a CPU or other control system.
The IC also incorporates various protective functions as well as a self-diagnostic function for diagnostic function for diagnostic output.

FEATURES
• Output current capacity : 1.5 A (max)
• Low standby current : 0.1 mA (max)
• Built−in Protective Functions : Over-Voltage Protection/ Short-Circuit Protection(latch) / Thermal-Shutdown
• Self−diagnostic Output : On Short-Circuit Detection
• Recommended operating supply voltage range : VCC = 8~16 V
• Separate GND for output and logic control sections
• HSOP20-Pin Power Flat Pakage




Similar Part No. - TA8068F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
INTELLIGENT STEPPING MOTOR DRIVER
More results


Similar Description - TA8068F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
INTELLIGENT STEPPING MOTOR DRIVER
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
Stepping Motor Driver
logo
Rohm
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
ON Semiconductor
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
Stepping Motor Driver
June, 2013
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
Stepping Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com