Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT08P Datasheet (PDF) - Toshiba Semiconductor

TC74ACT08P Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT08P
Download  TC74ACT08P Download
File Size   239.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74ACT08P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT08P Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT08P
Download  TC74ACT08P Click to download

File Size   239.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74ACT08P Datasheet (HTML) - Toshiba Semiconductor


TC74ACT08P Product details

Quad 2-Input AND Gate

The TC74ACT08 is an advanced high speed CMOS 2-INPUT AND GATE fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: tpd = 4.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Pin and function compatible with 74F08




Similar Part No. - TC74ACT08P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT08P TOSHIBA-TC74ACT08P Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC74ACT08P TOSHIBA-TC74ACT08P_12 Datasheet
215Kb / 7P
Quad 2-Input AND Gate
More results


Similar Description - TC74ACT08P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com