Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-42CTQ030STRLHM3 Datasheet (PDF) - Vishay Siliconix

VS-42CTQ030STRLHM3 Datasheet PDF - Vishay Siliconix
Part # VS-42CTQ030STRLHM3
Download  VS-42CTQ030STRLHM3 Download
File Size   193.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 20 A

VS-42CTQ030STRLHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-42CTQ030STRLHM3 Datasheet PDF - Vishay Siliconix

Part # VS-42CTQ030STRLHM3
Download  VS-42CTQ030STRLHM3 Click to download

File Size   193.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 20 A

VS-42CTQ030STRLHM3 Datasheet (HTML) - Vishay Siliconix


VS-42CTQ030STRLHM3 Product details

• 150 °C TJ operation
• Center tap configuration
• Very low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term reliability
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified meets JESD 201 class 1A whisker
test




Similar Part No. - VS-42CTQ030STRLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-42CTQ030STRL-M3 VISHAY-VS-42CTQ030STRL-M3 Datasheet
193Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
21-Oct-14
VS-42CTQ030STRLPBF VISHAY-VS-42CTQ030STRLPBF Datasheet
117Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
More results


Similar Description - VS-42CTQ030STRLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40CTQ045SPBF VISHAY-VS-40CTQ045SPBF_15 Datasheet
147Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
08-Dec-14
VS-40CPQ0.0PBF VISHAY-VS-40CPQ0.0PBF Datasheet
156Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
10-Feb-14
VS-40CTQ150S-M3 VISHAY-VS-40CTQ150S-M3 Datasheet
183Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
29-Jul-14
VS-40CTQ045HN3 VISHAY-VS-40CTQ045HN3 Datasheet
151Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
28-Jul-2020
VS-40CTQ045-M3 VISHAY-VS-40CTQ045-M3 Datasheet
166Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
07-May-2020
VS-48CTQ060-M3 VISHAY-VS-48CTQ060-M3 Datasheet
163Kb / 2P
High Performance Schottky Rectifier, 2 x 20 A
07-May-2020
VS-40L15CW-N3 VISHAY-VS-40L15CW-N3 Datasheet
154Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
03-Jan-18
VS-42CTQ030-M3 VISHAY-VS-42CTQ030-M3_V01 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
22-Dec-2021
VS-42CTQ030S-M3 VISHAY-VS-42CTQ030S-M3_V01 Datasheet
227Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
21-Dec-2021
VS-43CTQ100-M3 VISHAY-VS-43CTQ100-M3_V01 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
22-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com