Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL262 Datasheet (PDF) - List of Unclassifed Manufacturers

TSL262 Datasheet PDF - List of Unclassifed Manufacturers
Part # TSL262
Download  TSL262 Download
File Size   135.15 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IR LIGHTTOVOLTAGE OPTICAL SENSORS

TSL262 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL262 Datasheet PDF - List of Unclassifed Manufacturers

Part # TSL262
Download  TSL262 Click to download

File Size   135.15 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IR LIGHTTOVOLTAGE OPTICAL SENSORS

TSL262 Datasheet (HTML) - List of Unclassifed Manufacturers


TSL262 Product details

[TAOS]

Description
The TSL260, TSL261, and TSL262 are light-to-voltage optical sensors, each combining a photodiode and a transimpedance amplifier (feedback resistor = 16 MΩ, 8 MΩ, and 2 MΩ, respectively) on a single monolithic integrated circuit. The output voltage is directly proportional to the infrared light intensity (irradiance) on the photodiode. The TSL260, TSL261, and TSL262 are manufactured using advanced linear CMOS silicon-gate technology, which provides good amplifier offset-voltage stability and low power consumption.

● Integral Visible Light Cutoff Filter
● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● Converts Light Intensity to Output Voltage
● High Irradiance Responsivity Typically 42 mV/(µW/cm2) at λp = 940 nm (TSL260)
● Low Dark (Offset) Voltage . . . 10 mV Max at 25°C, VDD = 5 V
● Single-Supply Operation
● Wide Supply Voltage Range . . . 3 V to 9 V
● Low Supply Current . . . 800 µA Typical at VDD = 5 V
● Advanced Linear CMOS Technology




Similar Part No. - TSL262

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL262 AMSCO-TSL262 Datasheet
829Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL262 TI1-TSL262 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
logo
List of Unclassifed Man...
TSL262R ETC1-TSL262R Datasheet
91Kb / 8P
INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL262R TAOS-TSL262R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL262R AMSCO-TSL262R Datasheet
642Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Similar Description - TSL262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com