Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XS-R Datasheet (PDF) - Future Technology Devices International Ltd.

FT230XS-R Datasheet PDF - Future Technology Devices International Ltd.
Part # FT230XS-R
Download  FT230XS-R Download
File Size   828.62 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd.

FT230XS-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT230XS-R Datasheet PDF - Future Technology Devices International Ltd.

Part # FT230XS-R
Download  FT230XS-R Click to download

File Size   828.62 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd.

FT230XS-R Datasheet (HTML) - Future Technology Devices International Ltd.


FT230XS-R Product details

The FT230X is a USB to serial UART interface with optimised pin count for smaller PCB designs and the following advanced features:

• Single chip USB to asynchronous serial data transfer interface.

• Entire USB protocol handled on the chip. No USB specific firmware programming required.

• Fully integrated 2048 byte multi-time programmable (MTP) memory, storing device descriptors and CBUS I/O configuration.

• Fully integrated clock generation with no external crystal required plus optional clock output selection enabling a glue-less interface to external MCU or FPGA.

• Data transfer rates from 300 baud to 3 Mbaud (RS422, RS485, and RS232) at TTL levels.

• 512 byte receive buffer and 512 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput.

• FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.

• Configurable CBUS I/O pins.

• Transmit and receive LED drive signals.

• UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity

• Synchronous and asynchronous bit bang interface options with RD# and WR# strobes.

• Configurable I/O pin output drive strength; 4 mA (min) and 16 mA (max).

• Integrated power-on-reset circuit.

• Fully integrated AVCC supply filtering - no external filtering required.

• UART signal inversion option.

• + 5V Single Supply Operation.

• Internal 3V3/1V8 LDO regulators

• Low operating and USB suspend current; 8mA (active-typ) and 70uA (suspend-typ).

• UHCI/OHCI/EHCI host controller compatible.

• USB 2.0 Full Speed compatible.

• Extended operating temperature range; -40 to 85⁰C.

• Available in compact Pb-free 16 pin SSOP and 16 pin QFN packages (both RoHS compliant).



Typical Applications

• USB to RS232/RS422/RS485 Converters

• Upgrading Legacy Peripherals to USB

• Utilising USB to add system modularity

• Incorporate USB interface to enable PC transfers for development system communication

• Cellular and Cordless Phone USB data transfer cables and interfaces

• Interfacing MCU/PLD/FPGA based designs to add USB connectivity

• USB Audio and Low Bandwidth Video data transfer

• USB Smart Card Readers

• USB Instrumentation

• USB Industrial Control

• USB MP3 Player Interface

• USB FLASH Card Reader and Writers

• Set Top Box PC - USB interface

• USB Digital Camera Interface

• USB Hardware Modems

• USB Wireless Modems

• USB Bar Code Readers

• USB dongle implementations for Software/Hardware Encryption and Wireless Modules

• Detection of dedicated charging port for battery charging at higher supply currents.



 




Similar Part No. - FT230XS-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
logo
List of Unclassifed Man...
FT230XS-xxxx ETC2-FT230XS-xxxx Datasheet
816Kb / 44P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-xxxx FTDI-FT230XS-xxxx Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
More results


Similar Description - FT230XS-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com