Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BQ-XXYY Datasheet (PDF) - Future Technology Devices International Ltd.

FT232BQ-XXYY Datasheet PDF - Future Technology Devices International Ltd.
Part # FT232BQ-XXYY
Download  FT232BQ-XXYY Download
File Size   1164.55 Kbytes
Page   34 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART IC

FT232BQ-XXYY Datasheet (PDF)

Go To PDF Page Download Datasheet
FT232BQ-XXYY Datasheet PDF - Future Technology Devices International Ltd.

Part # FT232BQ-XXYY
Download  FT232BQ-XXYY Click to download

File Size   1164.55 Kbytes
Page   34 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART IC

FT232BQ-XXYY Datasheet (HTML) - Future Technology Devices International Ltd.


FT232BQ-XXYY Product details

The FT232BL is the lead free version of the 2nd generation of FTDI’s popular USB UART I.C. This device not only adds extra functionality to its FT8U232AM predecessor and reduces external component count, but also maintains a high degree of pin compatibility with the original, making it easy to upgrade or cost reduce existing designs as well as increasing the potential for using the device in new application areas.



HARDWARE FEATURES

• Single Chip USB Asynchronous Serial Data Transfer

• Full Handshaking & Modem Interface Signals

• UART I/F Supports 7 / 8 Bit Data, 1 / 2 Stop Bits and Odd/Even/Mark/Space/No Parity

• Data rate 300 => 3M Baud (TTL)

• Data rate 300 => 1M Baud (RS232)

• Data rate 300 => 3M Baud (RS422/RS485)

• 384 Byte Receive Buffer / 128 Byte Transmit Buffer for high data throughput

• Adjustable RX buffer timeout

• Fully Assisted Hardware or X-On / X-Off Handshaking

• In-built support for event characters and line break condition

• Auto Transmit Buffer control for RS485

• Support for USB Suspend / Resume through SLEEP# and RI# pins

• Support for high power USB Bus powered devices through PWREN# pin

• Integrated level converter on UART and control signals for interfacing to 5V and 3.3V logic

• Integrated 3.3V regulator for USB IO

• Integrated Power-On-Reset circuit

• Integrated 6MHz – 48Mhz clock multiplier PLL

• USB Bulk or Isochronous data transfer modes

• 4.35V to 5.25V single supply operation

• UHCI / OHCI / EHCI host controller compatible

• USB 1.1 and USB 2.0 compatible

• USB VID, PID, Serial Number and Product Description strings in external EEPROM

• EEPROM programmable on-board via USB

• Compact Lead free RoHS compliant 32-LD LQFP package.




Similar Part No. - FT232BQ-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BQ-XXYY FTDI-FT232BQ-XXYY Datasheet
1Mb / 34P
USB UART IC
More results


Similar Description - FT232BQ-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
USB UART IC
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com