Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL620S Datasheet (PDF) - Vishay Siliconix

IRL620S Datasheet PDF - Vishay Siliconix
Part # IRL620S
Download  IRL620S Download
File Size   1471.04 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRL620S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL620S Datasheet PDF - Vishay Siliconix

Part # IRL620S
Download  IRL620S Click to download

File Size   1471.04 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRL620S Datasheet (HTML) - Vishay Siliconix


IRL620S Product details

• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Logic Level Gate Drive
• RDS(on) Specified at VGS = 4 V and 5 V
• Fast Switching
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - IRL620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
logo
Vishay Siliconix
IRL620S VISHAY-IRL620S Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
logo
International Rectifier
IRL620SPBF IRF-IRL620SPBF Datasheet
1Mb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRL620SPBF VISHAY-IRL620SPBF Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
IRL620STRLPBFA VISHAY-IRL620STRLPBFA Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
More results


Similar Description - IRL620S

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com