Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLI530G Datasheet (PDF) - Vishay Siliconix

IRLI530G Datasheet PDF - Vishay Siliconix
Part # IRLI530G
Download  IRLI530G Download
File Size   1543.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Power MOSFET

IRLI530G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLI530G Datasheet PDF - Vishay Siliconix

Part # IRLI530G
Download  IRLI530G Click to download

File Size   1543.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Power MOSFET

IRLI530G Datasheet (HTML) - Vishay Siliconix


IRLI530G Product details

• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s;
f = 60 Hz)
• Sink to Lead Creepage Dist. = 4.8 mm
• Logic-Level Gate Drive
• RDS(on) Specified at VGS = 4 V and 5 V
• Fast Switching
• Ease of paralleling
• Lead (Pb)-free Available




Similar Part No. - IRLI530G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
logo
Vishay Siliconix
IRLI530GPBF VISHAY-IRLI530GPBF Datasheet
902Kb / 10P
Power MOSFET
11-Oct-2021
IRLI530G VISHAY-IRLI530G_V01 Datasheet
902Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRLI530G

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com