Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7342DP Datasheet (PDF) - Vishay Siliconix

SI7342DP Datasheet PDF - Vishay Siliconix
Part # SI7342DP
Download  SI7342DP Download
File Size   86.7 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) Fast Switching MOSFET

SI7342DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7342DP Datasheet PDF - Vishay Siliconix

Part # SI7342DP
Download  SI7342DP Click to download

File Size   86.7 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) Fast Switching MOSFET

SI7342DP Datasheet (HTML) - Vishay Siliconix


SI7342DP Product details

• Halogen-free According to IEC 61249-2-21
Definition
• Extremely Low Qgd for Low Switching Losses
• TrenchFET® Power MOSFET
• New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI7342DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7344DP VISHAY-SI7344DP Datasheet
45Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
More results


Similar Description - SI7342DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
N-Channel 30-V (D-S) Fast Switching MOSFET
25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
N-Channel 30-V (D-S) Fast Switching MOSFET
18-Aug-03
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
N-Channel 30-V (D-S) Fast Switching MOSFET
29-Dec-08
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
N-Channel 30 V (D-S) Fast Switching MOSFET
02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
N-Channel 30-V (D-S) Fast Switching MOSFET
17-Mar-08
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
N-Channel 30-V (D-S) Fast Switching MOSFET
29-Dec-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
N-Channel 30-V (D-S) Fast Switching MOSFET
14-Sep-09
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
N-Channel 30-V (D-S) Fast Switching MOSFET
29-Dec-08
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
N-Channel 30 V (D-S) Fast Switching MOSFET
02-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com