Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR838DP Datasheet (PDF) - Vishay Siliconix

SIR838DP Datasheet PDF - Vishay Siliconix
Part # SIR838DP
Download  SIR838DP Download
File Size   118.88 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 150 V (D-S) MOSFET

SIR838DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR838DP Datasheet PDF - Vishay Siliconix

Part # SIR838DP
Download  SIR838DP Click to download

File Size   118.88 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 150 V (D-S) MOSFET

SIR838DP Datasheet (HTML) - Vishay Siliconix


SIR838DP Product details

• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested




Similar Part No. - SIR838DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR836DP VISHAY-SIR836DP Datasheet
115Kb / 7P
N-Channel 40-V (D-S) MOSFET
11-Jan-10
logo
Vishay Telefunken
SIR836DP TFUNK-SIR836DP Datasheet
330Kb / 13P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SIR836DP-T1-GE3 VISHAY-SIR836DP-T1-GE3 Datasheet
115Kb / 7P
N-Channel 40-V (D-S) MOSFET
11-Jan-10
SIR836DP-T1-GE3 VISHAY-SIR836DP-T1-GE3 Datasheet
363Kb / 13P
N-Channel 40 V (D-S) MOSFET
11-Jan-10
SIR836DP VISHAY-SIR836DP_V01 Datasheet
363Kb / 13P
N-Channel 40 V (D-S) MOSFET
11-Jan-10
More results


Similar Description - SIR838DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
N-Channel 150 V (D-S) MOSFET
23-May-16
logo
VBsemi Electronics Co.,...
UF5N15ZL-TN3-T VBSEMI-UF5N15ZL-TN3-T Datasheet
1,004Kb / 9P
N-Channel 150 V (D-S) MOSFET
SSD20N15-250D VBSEMI-SSD20N15-250D Datasheet
1,004Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com