Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR874DP Datasheet (PDF) - Vishay Siliconix

SIR874DP Datasheet PDF - Vishay Siliconix
Part # SIR874DP
Download  SIR874DP Download
File Size   652.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25-V (D-S) MOSFET

SIR874DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR874DP Datasheet PDF - Vishay Siliconix

Part # SIR874DP
Download  SIR874DP Click to download

File Size   652.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25-V (D-S) MOSFET

SIR874DP Datasheet (HTML) - Vishay Siliconix


SIR874DP Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Gen III Power MOSFET
• Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
• Optimized for High-Side Synchronous Rectifier
Operation
• 100 % Rg Tested
• 100 % UIS Tested
• Compliant to RoHS Directive 2002/96/EC




Similar Part No. - SIR874DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR870ADP VISHAY-SIR870ADP Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
SIR870ADP VISHAY-SIR870ADP Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
logo
Vishay Telefunken
SIR870ADP TFUNK-SIR870ADP Datasheet
328Kb / 13P
N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
SIR870ADP VISHAY-SIR870ADP_V01 Datasheet
329Kb / 13P
N-Channel 100 V (D-S) MOSFET
22-Apr-13
More results


Similar Description - SIR874DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com