Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256M Datasheet (PDF) - Advanced Micro Devices

AM29LV256M Datasheet PDF - Advanced Micro Devices
Part # AM29LV256M
Download  AM29LV256M Download
File Size   1552.23 Kbytes
Page   70 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control

AM29LV256M Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29LV256M Datasheet PDF - Advanced Micro Devices

Part # AM29LV256M
Download  AM29LV256M Click to download

File Size   1552.23 Kbytes
Page   70 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control

AM29LV256M Datasheet (HTML) - Advanced Micro Devices


AM29LV256M Product details

GENERAL DESCRIPTION
The Am29LV256M is a 256 Mbit, 3.0 volt single power supply flash memory devices organized as 16,777,216 words or 33,554,432 bytes. The device has a 16-bit wide data bus that can also function as an 8-bit wide data bus by using the BYTE# input. The device can be programmed either in the host system or in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
   — 3 volt read, erase, and program operations
■ VersatileI/OTM control
   — Device generates data output voltages and tolerates data input voltages on the CE# and DQ inputs/outputs as determined by the voltage on the VIO pin; operates from 1.65 to 3.6 V
■ Manufactured on 0.23 µm MirrorBit process technology
■ SecSiTM (Secured Silicon) Sector region
   — 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number, accessible through a command sequence
   — May be programmed and locked at the factory or by the customer
■ Flexible sector architecture
   — Five hundred twelve 32 Kword (64 Kbyte) sectors
■ Compatibility with JEDEC standards
   — Provides pinout and software compatibility for single-power supply flash, and superior inadvertent write protection
■ Minimum 100,000 erase cycle guarantee per sector
■ 20-year data retention at 125°C

PERFORMANCE CHARACTERISTICS
■ High performance
   — 100 ns access time
   — 30 ns page read times
   — 0.5 s typical sector erase time
   — 15 µs typical effective write buffer word programming time: 16-word/32-byte write buffer reduces overall programming time for multiple-word updates
   — 4-word/8-byte page read buffer
   — 16-word/32-byte write buffer
■ Low power consumption (typical values at 3.0 V, 5 MHz)
   — 13 mA typical active read current
   — 50 mA typical erase/program current
   — 1 µA typical standby mode current
■ Package options
   — 56-pin TSOP
   — 64-ball Fortified BGA

SOFTWARE & HARDWARE FEATURES
■ Software features
   — Program Suspend & Resume: read other sectors before programming operation is completed
   — Erase Suspend & Resume: read/program other sectors before an erase operation is completed
   — Data# polling & toggle bits provide status
   — Unlock Bypass Program command reduces overall multiple-word or byte programming time
   — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices
■ Hardware features
   — Sector Group Protection: hardware-level method of preventing write operations within a sector group
   — Temporary Sector Group Unprotect: VID-level method of changing code in locked sector groups
   — WP#/ACC input accelerates programming time (when high voltage is applied) for greater throughput during system production. Protects first or last sector regardless of sector protection settings
   — Hardware reset input (RESET#) resets device
   — Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - AM29LV256M

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV256M AMD-AM29LV256M Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH100EF AMD-AM29LV256MH100EF Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH100EI AMD-AM29LV256MH100EI Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH100FF AMD-AM29LV256MH100FF Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH100FI AMD-AM29LV256MH100FI Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
More results


Similar Description - AM29LV256M

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
S70GL256M00 SPANSION-S70GL256M00 Datasheet
1Mb / 60P
256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
logo
Advanced Micro Devices
AM29LV256M AMD-AM29LV256M_05 Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV256MH123REI SPANSION-AM29LV256MH123REI Datasheet
1Mb / 69P
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com