Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCWH Datasheet (PDF) - Vishay Siliconix

RCWH Datasheet PDF - Vishay Siliconix
Part # RCWH
Download  RCWH Download
File Size   86.28 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)

RCWH Datasheet (PDF)

Go To PDF Page Download Datasheet
RCWH Datasheet PDF - Vishay Siliconix

Part # RCWH
Download  RCWH Click to download

File Size   86.28 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)

RCWH Datasheet (HTML) - Vishay Siliconix


RCWH Product details

• Extremely low resistance values
(0.01 ohm to 0.976 ohm)
• Suitable for current sensing and shunts
• Metal glaze on high quality ceramic
• Protective overglaze
• Lead (Pb)-free solder contacts on Ni barrier layer




Similar Part No. - RCWH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RCW-0C MACOM-RCW-0C Datasheet
87Kb / 1P
SMD Circuit Probe Pad
RCW-0D MACOM-RCW-0D Datasheet
87Kb / 1P
SMD Circuit Probe Pad
logo
SOURIAU-SUNBANK Connect...
RCW5016K SOURIAU-RCW5016K Datasheet
468Kb / 2P
Size 20 contacts for UT0W connectors
RCW50A7K SOURIAU-RCW50A7K Datasheet
468Kb / 2P
Size 20 contacts for UT0W connectors
logo
Vishay Siliconix
RCWE VISHAY-RCWE Datasheet
93Kb / 4P
Thick Film Surface Mount Chip Resistors,
07-Oct-15
More results


Similar Description - RCWH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE0805R910FKEA VISHAY-RCWE0805R910FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
07-Mar-13
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
111Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
18-Nov-13
logo
WALSIN TECHNOLOGY CORPO...
WW10P WALSIN-WW10P Datasheet
221Kb / 7P
Thick Film Low ohm chip resistors
WW10X WALSIN-WW10X Datasheet
221Kb / 7P
Thick Film Low ohm chip resistors
WW25C WALSIN-WW25C Datasheet
174Kb / 7P
Thick Film Power Low Ohm Chip Resistors
WWXXX WALSIN-WWXXX Datasheet
326Kb / 8P
Thick Film Low ohm chip resistors
logo
Vishay Siliconix
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
07-Jul-2021
RCWL VISHAY-RCWL_V01 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com