Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC Datasheet (PDF) - Vishay Siliconix

CSC Datasheet PDF - Vishay Siliconix
Part # CSC
Download  CSC Download
File Size   401.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP

CSC Datasheet (PDF)

Go To PDF Page Download Datasheet
CSC Datasheet PDF - Vishay Siliconix

Part # CSC
Download  CSC Click to download

File Size   401.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP

CSC Datasheet (HTML) - Vishay Siliconix


CSC Product details

• Isolated, bussed and dual terminator
schematics available
• Body height: “A” profile = 0.195" (4.95 mm) and
“B” profile = 0.295" (7.50 mm) standard; custom
“C” profile = 0.350" (8.89 mm) also available
• “A” profile standard in 4 thru 12 pins
• Thick film resistive elements
• Reduces total assembly costs
• Resistor elements protected by tough epoxy conformal
coating
• Wide resistance range (10  to 2.2 M)
• Available in bulk pack as standard; optional tube pack is
also available
• Meets EIA/ECA-CB23 rev. G whisker test requirements for
class 1A products




Similar Part No. - CSC

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSC-11242 BUD-CSC-11242 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
CSC-11244 BUD-CSC-11244 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
CSC-11246 BUD-CSC-11246 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
CSC-11248 BUD-CSC-11248 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
logo
VITROHM
CSC-SERIES VITROHM-CSC-SERIES Datasheet
693Kb / 3P
SMD Power Shunt Resistor
Revision: 202010
More results


Similar Description - CSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
High Profile SIP Thick Film Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com