Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHL Datasheet (PDF) - Vishay Siliconix

NHL Datasheet PDF - Vishay Siliconix
Part # NHL
Download  NHL Download
File Size   127.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)

NHL Datasheet (PDF)

Go To PDF Page Download Datasheet
NHL Datasheet PDF - Vishay Siliconix

Part # NHL
Download  NHL Click to download

File Size   127.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)

NHL Datasheet (HTML) - Vishay Siliconix


NHL Product details

• High temperature silicon coating
• Complete welded construction
• Available in non-inductive styles (model NHL)
with Ayrton-Perry winding
• Tight tolerance of 5 % for values above 1 W
• Excellent stability in operation (< 3 % change in
resistance)




Similar Part No. - NHL

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
NHL-TF PATLITE-NHL-TF Datasheet
290Kb / 1P
Tint Film – Ø40 (Pack of 5)
NHL-TFB2 PATLITE-NHL-TFB2 Datasheet
290Kb / 1P
Tint Film – Ø40 (Pack of 5)
NHL-TFV2 PATLITE-NHL-TFV2 Datasheet
290Kb / 1P
Tint Film – Ø40 (Pack of 5)
logo
Vishay Siliconix
NHL011 VISHAY-NHL011 Datasheet
135Kb / 4P
Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
12-Mar-14
NHL012 VISHAY-NHL012 Datasheet
135Kb / 4P
Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
12-Mar-14
More results


Similar Description - NHL

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
12-Mar-14
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
08-Oct-13
MCR VISHAY-MCR Datasheet
167Kb / 4P
Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
17-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com